Part Number Hot Search : 
OPB355T 16X5R 2760AS 0CTQ1 SI4435 M29F10 BU2993FV KLQ03
Product Description
Full Text Search
 

To Download APTL3216PBC-Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.2x1.6mm SMD CHIP LED LAMP PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Part Number: APTL3216PBC/Z
Blue
Features
3.2mmx1.6mm SMT LED, 1.1mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Blue source color devices are made with InGaN on SiC Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3.Specifications are subject to change without notice. 4.The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAH3795 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/05/2007 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP: 1203006730
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APTL3216PBC/Z Blue (InGaN) WATER CLEAR 180 Typ. 400 Viewing Angle [1] 21/2 70
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Blue Blue Blue Blue Blue Blue Typ. 467 470 22 110 3.2 4 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Blue 120 30 100 5 -40C To +85C -40C To +85C
Units mW mA mA V
SPEC NO: DSAH3795 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/05/2007 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP: 1203006730
Blue
APTL3216PBC/Z
SPEC NO: DSAH3795 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/05/2007 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP: 1203006730
APTL3216PBC/Z
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAH3795 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/05/2007 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP: 1203006730
PACKING & LABEL SPECIFICATIONS
APTL3216PBC/Z
SPEC NO: DSAH3795 APPROVED: WYNEC
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/05/2007 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP: 1203006730


▲Up To Search▲   

 
Price & Availability of APTL3216PBC-Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X